Part Number Hot Search : 
N8P260 1N475 VS9LAVI FAN8024D KA2198 FDS7064N ML2502 ISL59111
Product Description
Full Text Search
 

To Download BC847C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BC846A/B-BC847A/B/C BC848A/B/C-BC849B/C BC850B/C
General Purpose Transistor NPN Silicon
*Moisture Sensitivity Level: 1 *ESD Rating - Human Body Model:>4000V -Machine Model:>400V
1 BASE
COLLECTOR 3
3 1 2 SOT-23
MARKING DIAGRAM 3 XX = Device Code (See Table Below) 1 2
2 EMITTER
M aximum R atings ( TA=25 C unless otherwise noted)
Rating Collector-Emitter Voltage BC847, BC848, Collector-Base Voltage BC847, BC848, Emitter-Base VOltage BC846 BC850 BC849 BC846 BC850 BC849 Symbol VCEO Value 65 45 30 80 50 30 6.0 6.0 5.0 100 Unit Vdc
VCBO VEBO
Vdc
BC846 BC847, BC850 BC848, BC849
Vdc
Collector Current-Continuous
IC
mAdc
Thermal Characteristics
Characteristics
Total Device Dissipation FR-5 Board (Note 1.)TA=25 C Derate above 25 C Thermal Resistance, Junction to Ambient (Note 1.) Total Device Dissipation Alumina Substrate, (Note 2.) TA=25 C Derate above 25 C Thermal Resistance, Junction to Ambient (Note 2.) Junction and Storage, Temperature Range
Symbol PD R qJA PD R qJA TJ,Tstg
Max 225 1.8 556 300 2.4 417 -55 to +150
Unit mW mW/ C C/W mW mW/ C C/W C
Device Marking
BC846A=1A; BC846B=1B; BC847A=1E; BC847B=1F;BC847C=1G; BC848A=1J; BC848B;=1K; BC848C=1L;BC849B=2B; BC849C=2C; BC850B=2F; BC850C=2G 1.FR-5=1.0 x 0.75 x 0.062 in. 2.Alumina=0.4 x 0.3 x 0.024 in. 99.5% alumina
WE ITR O N
http://www.weitron.com.tw
BC846A/B-BC847A/B/C BC848A/B/C-BC849B/C BC850B/C
WE IT R ON
(TA=25 C Unless Otherwise noted)
Electrical Characteristics Off Characteristics
Characteristics
Symbol
Min
Typ
Max
Unit
Collector-Emitter Breakdown VoltageBC846A,B V(BR)CEO BC847A,B,C BC850B.C (IC= 10mA) BC848A,B,C BC849B,C V(BR)CES Collector-Emitter Breakdown VoltageBC846A,B (IC=10 A ,VEB=0) BC847A,B,C BC850B.C BC848A,B,C BC849B,C Collector-Base Breakdown Voltage (IC=10 A) Emitter-Base Breakdown Voltage (IE=1.0 A) BC846A,B V(BR)CBO BC847A,B,C BC850B.C BC848A,B,C BC849B,C BC846A,B V(BR)EBO BC847A,B,C BC850B.C BC848A,B,C BC849B,C ICBO
65 45 30 80 50 30 80 50 30 6.0 6.0 5.0 -
-
15 5.0
V
V
V
V
Collector Cutoff Current (VCB=30V) (VCB=30V, TA=150 C)
nA mA
On Characteristics
DC Current Gain (IC= 10A, VCE=5.0V) (IC= 2.0mA, VCE=5.0V) BC846A, BC847A, BC848A BC846B, BC847B, BC848B BC847C, BC848C hFE 110 200 420 VCE(sat) 580 90 150 270 180 290 520 -0.7 -0.9 660 220 450 800 0.25 0.6 700 770 V -
BC846A, BC847A, BC848A BC846B, BC847B, BC848B BC849B. BC850B, BC847C, BC848C, BC849C, BC850C Collector-Emitter Saturation Voltage (IC= 10mA, IB=0.5mA) (IC= 100mA, IB=5.0mA) Base-Emitter Saturation Voltage (IC= 10mA, IB=0.5mA) (IC= 100mA, IB=5.0mA) Base-Emitter On Voltage (IC= 2.0mA, VCE=5.0V) (IC= 10mA, VCE=5.0V)
VBE(sat)
V
VBE(on)
V
Small-signal Characteristics
Current-Gain-Bandwidth Product (IC= 10mA, VCE= 5.0Vdc, f=100MHz) Output Capacitance (VCB= 10V, f=1.0MHz) Noise Figure (IC= 0.2mA, VCE= 5.0Vdc, BC846A,B, BC847A,B,C, BC848A,B,C, Rs=2.0 k W , BC849B,C, BC850B,C f=1.0 kHz, BW=200Hz) fT Cobo NF 10 4.0 100 4.5 MHz pF dB
WEITRON
http://www.weitron.com.tw
BC846A/B-BC847A/B/C BC848A/B/C-BC849B/C BC850B/C
WE IT R ON
BC847/BC848/BC849/BC850 Series
1.0 VCE=10V TA=25 C 0.9 V, VOLTAGE (VOLTS) 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 VCE(sat)@IC/BC=10 0.2 0.3 0.5 0.7 1.0 2.0 3.0 5.0 7.0 10 20 30 50 70 100 TA=25 C VBE(sat)@IC/BC=10 VBE(ON)@VCE= 10V
hFE,NORMALIZED DC CURRENT GAIN
2.0 1.5 1.0 0.8 0.6 0.4 0.3 0.2
0.2
0.5
1.0
2.0
5.0
10
20
50
100
200
0 0.1
IC, COLLECTOR CURRENT (mAdc) Figure1.Normalized DC Current Gain
IC, COLLECTOR CURRENT (mAdc)
Firure2. "Saturation" And "On" Voltage
qVB, TEMPERATURE COEFFICIENT (mV/ C)
VCE, COLLECTOR- EMITTER VOLTAGE (V)
2.0
1.0 1.2 1.6 2.0 2.4 2.8 -55 C to +125 C
TA=25 C
1.6 IC= 200mA 1.2 IC= 10mA IC= 100mA
0.8
IC=-50mA IC= 20mA
0.4
0
0.02
0.1
1.0
10
20
0.2
IB, BASE CURRENT (mA) Figure 3. Collector Saturation Region
1.0 10 IC, COLLECTOR CURRENT (mA)
100
Figure 4. Base-Emitter Temperature Coefficient
10 7.0 C,CAPACITANCE (pF) 5.0 Cib TA=25 C
fT, CURRENT-GAIN-BANDWIDTH PRODUCT (MHz)
400 300 200 VCE=10V TA= 25 C 100 80 60 40 30 20 0.5 0.7 1.0 2.0 3.0 5.0 7.0 10 20 30 50
3.0 2.0 Cob
1.0 0.4
0.6 0.8 1.0
2.0
4.0
6.0 8.0 10
20
40
VR, REVERSE VOLTAGE (VOLTS)
Figure 5. Capacitances
IC, COLLECTOR CURRENT (mAdc)
Figure 6. Current-Gain- Bandwidth Product
WEITRON
http://www.weitron.com.tw
BC846A/B-BC847A/B/C BC848A/B/C-BC849B/C BC850B/C
WE IT R ON
BC846 Series
1.0 TA=25 C 0.8 VBE(sat)@IC/IB=10 V,Voltage (Volts) 0.6 0.4 0.2 VCE(sat)@IC/IB=10 0 VBE@VCE=-5.0V
hFE, DC CURRENT GAIN (NORAMALIZED)
VCE=5V TA=25 C 2.0 1.0 0.5 0.2 0.1 0.2 1.0 10 100
IC, COLLECTOR CURRENT (mA)
0.2
0.5
Figure 7.DC Current Gain
1.0 2.0 5.0 10 20 50 IC, COLLECTOR CURRENT(mA)
100
200
Figure 8. "ON" Voltage
VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS)
TA=25 C 1.6 20mA 50mA 100mA 200mA
qVB TEMPERATURE COEFFICIENT (mV/ C)
2.0
1.0
1.4
1.2
1.8
qVB for VBE -55 C to 125 C
0.8
2.2
0.4
IC= 10mA 0.05 0.1 0.2 0.5 1.0 2.0 5.0 10 20
2.6
0 0.02
3.3
0.2
0.5
1.0
-2.0
5.0
10
20
50
100
200
IB, BASE CURRENT (mA)
IC, COLLECTOR CURRENT (mA)
Figure 9. Collector Saturation Region
Figure 10. Base-Emitter Temperature Coefficient
40 TA=25 C Cib 10 8.0 6.0 4.0 2.0 0.1 Cob
fT, CURRENT-GAIN-BANDWIDTH PRODUCT
500
VCE=5.0V TA=25 C
C. CAPACTIANCE (pF)
20
200 100 50 20 1.0 5.0 10 50 100
0.2
0.5
1.0
2.0
5.0
10
20
50
100
VR, REVERSE VOLTAGE (VOLTS)
Figure 11. Capacitance
Figure 12.Current-Gain-Bandwidth Product
IC, COLLECTOR CURRENT (mA)
http://www.weitron.com.tw
WEITRON
BC846A/B-BC847A/B/C BC848A/B/C-BC849B/C BC850B/C
SOT-23 Package Outline Dimensions
Unit:mm
A
T OP V IE W
B
C
E
G H
D
K J L M
Dim Min Max A 0.35 0.51 B 1.19 1.40 C 2.10 3.00 D 0.85 1.05 E 0.46 1.00 G 1.70 2.10 H 2.70 3.10 J 0.01 0.13 K 0.89 1.10 L 0.30 0.61 M 0.076 0.25
WEITRON
http://www.weitron.com.tw


▲Up To Search▲   

 
Price & Availability of BC847C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X